|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
( DataSheet : www..com ) Ethernet DC/DC Converter ELECTRONICS INC. EPC1018H * Designed for Low Common Mode Noise * * Unregulated Output * * 75% Efficiency at Full Load * * Input Filter to Reduce Input Ripple Current * * Input/Output Isolation : 2000 Vrms * * Operating Temperature : 0C to 70C * * Storage Temperature : -20C to -125C * Electrical Specifications Parameters Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW --Min. ----------Typ. 5.0 9 5% ------Max. ----200 100 --Units Volts Volts mA mV p-p --- Pin Connections V in24 23 N/C 13 to 16 Package E 1 V in+ 2 9 10 V o- 11 V o+ 12 White Dot Pin 1 PCA EPC1018H Date Code 12V 9V A Dimensions B Dim. (Inches) Min. Max. Nom. Min. (millimeters) Max. Nom. J C E H D F G I A B C D E F G H I J 1.280 .565 ----.125 ----.018 .008 --- 1.300 1.290 32.51 33.02 32.77 .585 .575 14.35 14.86 14.61 .375 ----9.53 ----1.100 ----- 27.94 ----3.18 ------.100 ----2.54 --.635 ----- 16.13 .022 .020 .457 .556 .508 .012 .010 .203 .305 .254 --.020 ----.508 www..com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 www..com CSC1018H Rev. Orig. 3/20/01 Product performance is limited to specified parameters. Data is subject to change without prior notice. TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC1018H |